PART |
Description |
Maker |
VBO25 VBO25-16NO2 VBO25-08NO2 VBO25-12AO2 VBO25-12 |
Single Phase Rectifier Bridge 38 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VBE20 VBE20-20NO1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
IXYS[IXYS Corporation]
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
DBF250 DBF250G DBF250C |
Silicon Diffused Junction Type 25A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
VHF28-16IO5 VHF28-08IO5 VHF28-12IO5 VHF28-14IO5 |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
|
IXYS[IXYS Corporation]
|
VHFD37-16IO1 VHFD37-08IO1 VHFD37-12IO1 VHFD37-14IO |
Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1600 V, SCR Half Controlled Single Phase Rectifier Bridge Including Freewheeling Diode and Field Diodes 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
BR86DL BR88DL BR805DL BR810DL BR81DL BR82DL BR84DL |
2.0A, 1000V ultra fast recovery rectifier 2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 2 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
FBE22-06N1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Fast Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
MB251W-BP MB254W-BP MB2510W-BP MB2505W-BP MB256W-B |
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 25A 1000V WIRE LEADS 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|